Part Number Hot Search : 
APT1608 M3100 RB085 MCSOHV L23AT 31GDCM23 SPM1423 IRF7103
Product Description
Full Text Search
 

To Download BC328-16E6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bc327 thru bc328 vishay semiconductors formerly general semiconductor document number 88158 www.vishay.com 08-may-02 1 small signal transistors (pnp) features pnp silicon epitaxial planar transistors for switching and amplifier applications. especially suitable for af-driver stages and low-power output stages. these types are also available subdivided into three groups, -16, -25, and -40, according to their dc current gain. as complementary types, the npn transistors bc327 and bc338 are recommended. ?on special request, these transistors are also manufactured in the pin configuration to-18. mechanical data case: to-92 plastic package weight: approx. 0.18g packaging codes/options: e6/bulk 5k per container, 20k/box e7/4k per ammo mag., 20k/box maximum ratings & thermal characteristics ratings at 25 c ambient temperature unless otherwise specified. parameter symbol value unit collector-emitter voltage bc327 v ces 50 v bc328 30 collector-emitter voltage bc327 v ceo 45 v bc328 25 emitter-base voltage v ebo 5v collector current i c 800 ma peak collector current i cm 1a base current i b 100 ma power dissipation at tamb = 25 cp tot 625 (1) mw thermal resistance junction to ambient air r ja 200 (1) c/w junction temperature t j 150 c storage temperature range t s 65 to +150 c note: (1) valid provided that leads are kept at ambient temperature at a distance of 2mm from case. 0.181 (4.6) min. 0.492 (12.5) 0.181 (4.6) 0.142 (3.6) 0.098 (2.5) max. ? 0.022 (0.55) bottom view to-226aa (to-92) dimensions in inches and (millimeters)
bc327 thru bc328 vishay semiconductors formerly general semiconductor www.vishay.com document number 88158 2 08-may-02 electrical characteristics (t j = 25 c unless otherwise noted) parameter symbol test condition min typ max unit current gain group -16 100 160 250 -25 -v ce = 1 v, -i c = 100 ma 160 250 400 dc current gain -40 h fe 250 400 630 current gain group -16 60 130 -25 -v ce = 1 v, -i c = 300 ma 100 200 -40 170 320 bc327 -v ce = 45 v 2 100 na collector-emitter cutoff current bc328 -i ces -v ce = 25 v 2 100 na bc327 -v ce = 45 v, t amb = 125 c 10 a bc328 -v ce = 25 v, t amb = 125 c 10 a collector saturation voltage -v cesat - i c = 500 ma, -i b = 50 ma 0.7 v base-emitter voltage -v be - v ce = 1 v, -i c = 300 ma 1.2 v collector-emitter breakdown voltage bc327 -v( br)ceo -i c = 10 ma 45 v bc328 25 collector-emitter breakdown voltage bc327 -v( br)ces -i c = 0.1 ma 50 v bc328 30 emitter-base breakdown voltage -v( br)ebo - i e = 0.1 ma 5 v gain-bandwidth product f t - v ce = 5 v, -i c = 10 ma 100 mhz f = 50 mhz collector-base capacitance c cbo - v cb = 10 v, f = 1 mhz 12 pf
bc327 thru bc328 vishay semiconductors formerly general semiconductor document number 88158 www.vishay.com 08-may-02 3 ratings and characteristic curves (t a = 25 c unless otherwise noted)
bc327 thru bc328 vishay semiconductors formerly general semiconductor www.vishay.com document number 88158 4 08-may-02 ratings and characteristic curves (t a = 25 c unless otherwise noted)
bc327 thru bc328 vishay semiconductors formerly general semiconductor document number 88158 www.vishay.com 08-may-02 5 ratings and characteristic curves (t a = 25 c unless otherwise noted)


▲Up To Search▲   

 
Price & Availability of BC328-16E6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X